| Moteur de recherche de fiches techniques de composants électroniques |
|
PRLL5818 Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PRLL5818 Fiches technique(HTML) 6 Page - NXP Semiconductors |
|
6 / 12 page ![]() 1999 Apr 22 6 Philips Semiconductors Product specification Schottky barrier diodes PRLL5817; PRLL5818; PRLL5819 Fig.4 PRLL5818. Maximum values steady state forward power dissipation as a function of the average forward current; a = IF(RMS)/IF(AV). 2 1 0 0 0.5 1.5 MBE641 1 (W) 0.5 PF(AV) IF(AV) (A) a = 3 2.5 1.57 1.42 1 2 Fig.5 PRLL5819. Maximum values steady state forward power dissipation as a function of the average forward current; a = IF(RMS)/IF(AV). 2 1 0 0 0.5 1.5 MBE643 1 (W) 0.5 PF(AV) IF(AV) (A) a = 3 2.5 1.57 1.42 1 2 |