Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NX8341 Fiches technique(PDF) 10 Page - California Eastern Labs

No de pièce NX8341
Description  1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NX8341 Fiches technique(HTML) 10 Page - California Eastern Labs

Back Button NX8341_06 Datasheet HTML 5Page - California Eastern Labs NX8341_06 Datasheet HTML 6Page - California Eastern Labs NX8341_06 Datasheet HTML 7Page - California Eastern Labs NX8341_06 Datasheet HTML 8Page - California Eastern Labs NX8341_06 Datasheet HTML 9Page - California Eastern Labs NX8341_06 Datasheet HTML 10Page - California Eastern Labs NX8341_06 Datasheet HTML 11Page - California Eastern Labs NX8341_06 Datasheet HTML 12Page - California Eastern Labs NX8341_06 Datasheet HTML 13Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NX8341 Series
<R>
ORDERING INFORMATION
Part Number
Receptacle Type
Note
NX8341TB-AZ*
LC, Electrically isolated
Differential input with flexible PCB
NX8341TJ-AZ*
LC
Differential input with flexible PCB
NX8341TL-AZ*
SC
Differential input with flexible PCB
NX8341UB-AZ*
LC, Electrically isolated
Differential input, 5-pin
NX8341UH-AZ*
LC
Single-ended, 5-pin
NX8341UJ-AZ*
LC
Differential input, 5-pin
NX8341UL-AZ*
SC
Differential input, 5-pin
NX8341UN-AZ*
SC
Single-ended, 5-pin
*NOTE:
Please refer to the last page of this data sheet, “Compliance with EU Directives” for
Pb-Free RoHS Compliance Information.
Data Sheet PL10525EJ02V0DS
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13