| Moteur de recherche de fiches techniques de composants électroniques |
|
DFB2426 Fiches technique(PDF) 28 Page - Jonard Tools. |
|
|
|||||||||||||||||||||||||||||
DFB2426 Fiches technique(HTML) 28 Page - Jonard Tools. |
|
28 / 52 page ![]() 28 Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com 134 Marbledale Road, Tuckahoe, NY 10707 • www.jonard.com INDUSTRIES CORP. INDUSTRIES CORP. DIAGONAL PLIERS D DIIA AG GB B55 DIAGONAL GENERAL USE PLIERS These are plain diagonal pliers for general use, for cutting soft copper conductors. Red plastic handle, 5 1/16” long. JONARD P/N DESCRIPTION D DIIA AG GB B55 Diagonal General Use Pliers JJIIC C--77885588 D DIIA AG GD D66 DIAGONAL PLIERS – SKINNING & STRIPPING Tapered nose diagonal cutting pliers with standard- bevel knives with one .045” skinning hole, crusher used for multipurpose wire work, and two V shaped stripping notches. Red plastic handle 6 1/16” long JONARD P/N DESCRIPTION DIAGB6 Diagonal Pliers – Skinning & Stripping D DIIA AG GB B66 D DIIA AB BV VN NO OTTC CH H TELECOM DIAGONAL CUTTER PLIERS Tapered nose diagonal cutting pliers with standard- bevel knives with .030" and .045" skinning holes, with crusher used for multi-purpose wire work, with two V-shaped stripping notches. The comfortable handles are red plastic. 6 1/2” long. Also known as DIAGD6. JONARD P/N DESCRIPTION JJIIC C--77885588 Telecom Diagonal Cutter Pliers DIAGONAL PLIERS – CRUSHING & SLITTING Used for cutting soft copper conductors. Has a “V” shaped notch between jaws, near the joint, for crushing the flameproof type of insulation on distributing frame wire. Also provides a “W” shaped notch on the plier jaws for slitting textile insulation. Red plastic handle 5” long. JONARD P/N DESCRIPTION DIABVNOTCH Diagonal Pliers – Crushing & Slitting |