| Moteur de recherche de fiches techniques de composants électroniques |
|
DFB2426 Fiches technique(PDF) 26 Page - Jonard Tools. |
|
|
|||||||||||||||||||||||||||||
DFB2426 Fiches technique(HTML) 26 Page - Jonard Tools. |
|
26 / 52 page ![]() LONG NOSE PLIERS 26 Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com 134 Marbledale Road, Tuckahoe, NY 10707 • www.jonard.com INDUSTRIES CORP. INDUSTRIES CORP. TELECOM LONG NOSE PLIERS Long nose have side cutting blades, a crushing slot, one .030” stripping hole, and a thin knurled nose to facilitate handling of the wire at the terminals. The comfortable handles are yellow plastic. 6 7/8" long. Also known as KS21257L1. JJO ON NA AR RD D PP//N N D DEESSC CR RIIPPTTIIO ON N JJIIC C--2211225577 Telecom Long Nose Pliers LONG NOSE CUT CRUSH STRIP L2 PLIERS Side cut pliers with crushing slot, one .030” stripping hole and a thin knurled nose to facilitate handling wire at the terminals. Aluminum oxide insulation coating on the outside nose surface. Yellow plastic handle, 6 7/8” long. JONARD P/N DESCRIPTION K KSS2211225577LL22 LONG NOSE L2 Cut Crush Strip Pliers LONG NOSE CUT CRUSH STRIP L3 PLIERS Long nose with side cutter, crushing slot, one .030” stripping hole and a thin knurled nose to facilitate handling wire at the terminals. Yellow plastic handle. 6 3/16” long. JONARD P/N DESCRIPTION K KSS2211225577LL33 LONG NOSE L3 Cut Crush Strip Pliers K KSS2211225577LL22 JJIIC C--2211225577 K KSS2211225577LL11 K KSS2211225577LL33 K KSS2211225577LL44 JONARD P/N DESCRIPTION K KSS2211225577LL44 LONG NOSE L4 Cut Crush Strip Pliers LONG NOSE CUT CRUSH STRIP L4 PLIERS Long nose with side cutter, crushing slot, one .030” stripping hole and a thin knurled nose to facilitate handling wire at the terminals. Aluminum oxide insulating coating on the outside nose surface. Yellow plastic handle. 6 3/16” long. |