Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLD20D-DEF Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STLD20D-DEF
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D-DEF Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STLD20D-DEF Datasheet HTML 18Page - STMicroelectronics STLD20D-DEF Datasheet HTML 19Page - STMicroelectronics STLD20D-DEF Datasheet HTML 20Page - STMicroelectronics STLD20D-DEF Datasheet HTML 21Page - STMicroelectronics STLD20D-DEF Datasheet HTML 22Page - STMicroelectronics STLD20D-DEF Datasheet HTML 23Page - STMicroelectronics STLD20D-DEF Datasheet HTML 24Page - STMicroelectronics STLD20D-DEF Datasheet HTML 25Page - STMicroelectronics STLD20D-DEF Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Analog dimming control
STLD20D
22/31
Where:
VFB is the feedback voltage
ILED is the LED current for full brightness
Note:
If Vdim is equal to 0 the LED current can be higher the programmed value.
9.3
Rdim calculation for dimming mode control
Rdim and Rd1 are dimensioned to get a current in the dimming circuit much smaller than the
LED current. From the formula 19, Rdim can be calculated by:
Where:
Vdimmax is the maximum dimming voltage
ILEDmin is the expected minimum dimming current
R
dim
R
d1
R
LED
+
[]
V
FB
V
dim
max
[]
I
LEDmin RLED
V
FB
-------------------------------------------------------------------------------------------
22
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31