| Moteur de recherche de fiches techniques de composants électroniques |
|
93C76CE/P Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93C76CE/P Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 26 page ![]() 2004 Microchip Technology Inc. DS21796D-page 13 93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C 4.0 PACKAGING INFORMATION 4.1 Package Marking Information Legend: XX...X Part number T Temperature Blank Commercial I Industrial E Extended YY Year code (last 2 digits of calendar year) except TSSOP and MSOP which use only the last 1 digit WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: Custom marking available. Example: 6-Lead SOT-23 8-Lead MSOP (150 mil) Example: XXXXXXT YWWNNN 3L76I 2281L7 XXNN 4EL7 XXXXXNNN XXXXXXXX YYWW 8-Lead PDIP 8-Lead SOIC XXXXYYWW XXXXXXXX NNN XXXX TYWW 8-Lead TSSOP NNN I/P 1L7 93LC76 0228 Example: Example: I/SN 0228 93LC76 1L7 1L7 L76 I228 Example: MSOP 1st Line Marking Codes Device 93AA76C 93LC76C 93C76C std mark 3A76CT 3L76CT 3C76CT Pb-free mark GA76CT GL76CT GC76CT T = blank for commercial, “I” for Industrial, “E” for Extended. TSSOP 1st Line Marking Codes Device 93AA76C 93LC76C 93C76C std mark A76C L76C C76C Pb-free mark GADC GLDC GCDC Temperature grade is marked on line 2. SOT23 Marking Codes Device 93AA76A 93AA76B 93LC76A 93LC76B 93C76A 93C76B I-temp 4BNN 4LNN 4ENN 4PNN 4HNN 4TNN E-temp – – 4FNN 4RNN 4JNN 4UNN Pb-free topside mark is same; Pb-free noted only on carton label. |