Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93C76CE/P Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce 93C76CE/P
Description  8K Microwire Compatible Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76CE/P Fiches technique(HTML) 12 Page - Microchip Technology

Back Button 93C76CE/P Datasheet HTML 8Page - Microchip Technology 93C76CE/P Datasheet HTML 9Page - Microchip Technology 93C76CE/P Datasheet HTML 10Page - Microchip Technology 93C76CE/P Datasheet HTML 11Page - Microchip Technology 93C76CE/P Datasheet HTML 12Page - Microchip Technology 93C76CE/P Datasheet HTML 13Page - Microchip Technology 93C76CE/P Datasheet HTML 14Page - Microchip Technology 93C76CE/P Datasheet HTML 15Page - Microchip Technology 93C76CE/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
DS21796D-page 12
 2004 Microchip Technology Inc.
3.6
Program Enable (PE)
This pin allows the user to enable or disable the ability
to write data to the memory array. If the PE pin is tied
to VCC, the device can be programmed. If the PE pin is
tied to VSS, programming will be inhibited. PE is not
available on 93XX76A or 93XX76B. On those devices,
programming is always enabled. This pin cannot be
floated, it must be tied to VCC or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26