Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA543SA Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STA543SA Datasheet HTML 15Page - STMicroelectronics STA543SA Datasheet HTML 16Page - STMicroelectronics STA543SA Datasheet HTML 17Page - STMicroelectronics STA543SA Datasheet HTML 18Page - STMicroelectronics STA543SA Datasheet HTML 19Page - STMicroelectronics STA543SA Datasheet HTML 20Page - STMicroelectronics STA543SA Datasheet HTML 21Page - STMicroelectronics STA543SA Datasheet HTML 22Page - STMicroelectronics STA543SA Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
STA543SA
7 Package information
CD00061065
21/23
7
Package information
Figure 16. Clipwatt 19 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
7390917 A
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A3.2
0.126
B
1.05
0.041
C
0.15
0.006
D
1.50
0.061
E
0.49
0.55
0.019
0.022
F
0.47
0.50
0.58
0.018
0.020
F1
0.1
0.004
G
0.87
1.00
1.13
0.034
0.039
0.044
G1
17.87
18.0
18.13
0.703
0.708
0.713
H1
12.0
0.480
H2
18.6
0.732
H3
19.85
0.781
L
17.9
0.704
L1
14.55
0.572
L2
10.7
11.0
11.2
0.421
0.433
0.441
L3
5.50
0.217
M
2.54
0.100
M1
2.54
0.100
Clipwatt19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23