Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA543SA Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STA543SA Datasheet HTML 13Page - STMicroelectronics STA543SA Datasheet HTML 14Page - STMicroelectronics STA543SA Datasheet HTML 15Page - STMicroelectronics STA543SA Datasheet HTML 16Page - STMicroelectronics STA543SA Datasheet HTML 17Page - STMicroelectronics STA543SA Datasheet HTML 18Page - STMicroelectronics STA543SA Datasheet HTML 19Page - STMicroelectronics STA543SA Datasheet HTML 20Page - STMicroelectronics STA543SA Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
STA543SA
5 General structure
CD00061065
17/23
5.7.1
Diagnostic Facilities (Pin 12)
The STA543SA is equipped with a diagnostic circuitry able to detect the following events:
Clipping in the output signal
Thermal shutdown
Output fault:
short to GND
short to VS
soft short at turn on
The information is available across an open collector output (pin 12) through a current sinking
when the event is detected
Figure 10. Clipping Detection Waveforms
A current sinking at pin 12 is provided when a certain distortion level is reached at each output.
This function allows gain compression facility whenever the amplifier is overdriven.
5.7.2
Thermal Shutdown
In this case the output 12 will signal the proximity of the junction temperature to the shutdown
threshold. Typically current sinking at pin 12 will start ~10°C before the shutdown threshold is
reached.
Figure 11. Output fault waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23