Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAC7101MVM50 Fiches technique(PDF) 44 Page - Freescale Semiconductor, Inc

No de pièce MAC7101MVM50
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101MVM50 Fiches technique(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MAC7101MVM50 Datasheet HTML 40Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 41Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 42Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 43Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 44Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 45Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 46Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 47Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Device Pin Assignments
Freescale Semiconductor
44
4.4
MAC7122 Pin Diagram
Figure 18. Pin Assignments for MAC7122 in 112-pin LQFP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
PG4
PG5
PG8
PG9
PG10
PG11
PG6
PG7
VSSX
VDDX
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PB8
PF15
PF14
PF13
PF12
PF11
PF10
PF9
PF8
MAC7122
112 LQFP
28
PF7
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
PE9
PE8
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
PA7
PA8
PA9
PA10
PA11
PA12
PD5
PC15
VDDX
VSSX
PD4
PD3
PD2
PB15
PB14
PB13
PB12
57
PB10
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
CNTX_A
CNRX_A
CNTX_B
CNRX_B
SDA
SCL
SIN_A
SOUT_A
SCK_A
PCS0_A
PCS1_A
PCS2_A
PCS5_A
eMIOS15
eMIOS14
eMIOS13
eMIOS12
eMIOS11
eMIOS10
eMIOS9
eMIOS8
eMIOS7
SS_A
PCSS_A
/
/
AN9_A
AN8_A
AN7_A
AN6_A
AN5_A
AN4_A
AN3_A
AN2_A
AN1_A
AN0_A
IRQ
XIRQ
SIN_B
SOUT_B
SCK_B
PCS1_B
PCS5_B
/
/
/
/
/
/
/
/
/
/
/
/
/ CLKOUT
/
/
/
/
/
/ RDY'
/ MSEO'
/ MDO1'
/ MDO0'
/ EVTI'
/ EVTO'
/ MCKO'
/ XCLKS
/ PCSS_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56