| Moteur de recherche de fiches techniques de composants électroniques |
|
MAC7101MVM50 Fiches technique(PDF) 43 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7101MVM50 Fiches technique(HTML) 43 Page - Freescale Semiconductor, Inc |
|
43 / 56 page ![]() Device Pin Assignments MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2 Preliminary Freescale Semiconductor 43 4.3 MAC7121 / MAC7126 Pin Diagram Figure 17. Pin Assignments for MAC7121 / MAC7126 in 112-pin LQFP MAC7121 / MAC7126 (2) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 PG4 PG5 PG8 PG9 PG10 PG11 PG6 PG7 VSSX VDDX PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 PB8 PF15 PF14 PF13 PF12 PF11 PF10 PF9 PF8 112 LQFP 28 PF7 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 PE9 PE8 PE7 PE6 PE5 PE4 PE3 PE2 PE1 PE0 PA7 PA8 PA9 PA10 PA11 PA12 PD5 PC15 VDDX VSSX PD4 PD3 PB15 PB14 PB13 PB12 57 PB10 / / / / / / / / / / / / / / / / / / / / / / / / / / CNTX_A CNRX_A CNTX_C CNRX_C CNTX_D CNRX_D CNTX_B CNRX_B SDA SCL SIN_A SOUT_A SCK_A PCS0 PCS1_A PCS2_A PCS5_A eMIOS15 eMIOS14 eMIOS13 eMIOS12 eMIOS11 eMIOS10 eMIOS9 eMIOS8 eMIOS7 SS_A PCSS_A / / AN9_A AN8_A AN7_A AN6_A AN5_A AN4_A AN3_A AN2_A AN1_A AN0_A IRQ XIRQ CLKOUT SIN_B SOUT_B SCK_B PCS1_B PCS5_B / / / / / / / / / / / / / / / / / / / RDY' / MSEO' / MDO1' / MDO0' / EVTI' / EVTO' / MCKO' / XCLKS / PCSS_B 1. PD2 function not available on L49P mask set devices. 2 On L49P mask set devices, PB11 / PCS2_B is bonded out on pin 57. PD2(1) |