Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFS5600AMBAFES Fiches technique(PDF) 89 Page - NXP Semiconductors

No de pièce MFS5600AMBAFES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBAFES Fiches technique(HTML) 89 Page - NXP Semiconductors

Back Button MFS5600AMBAFES Datasheet HTML 85Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 86Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 87Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 88Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 89Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 90Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 91Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 92Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Bit
Symbol
Description
Reset Condition — POR
12
FCCU2_FLT_POL
FCCU2 fault polarity.
Applied only when FCCU2_FLT_POL = NOT(NOT_FCCU2_FLT_
POL).
1b'0 — FCCU2 low is a fault.
1b'1 — FCCU2 high is a fault.
Reset Condition — POR
8
FCCU12_BISTABLE
FCCU1/FCCU2 bistable control.
Applied only when FCC12_BISTABLE = NOT(NOT_FCCU12_
BISTABLE).
1b'0 — Independent FCCU1/FCCU2.
1b'1 — FCCU1/FCCU2 configured as bistable.
Reset Condition — POR
Table 79. FCCU_CFG register description...continued
18.1.25 NOT_FCCU_CFG register
Bit
Symbol
Description
14
NOT_FCCU12_FLT_POL
FCCU bistable fault polarity.
See FCCU12_FLT_POL in FCCU_CFG register.
Reset Condition — POR
13
NOT_FCCU1_FLT_POL
FCCU1 fault polarity.
See FCCU1_FLT_POL in FCCU_CFG register.
Reset Condition — POR
12
NOT_FCCU2_FLT_POL
FCCU2 fault polarity.
See FCCU2_FLT_POL in FCCU_CFG register.
Reset Condition — POR
8
NOT_FCCU12_BISTABLE
FCCU1/FCCU2 bistable control.
See FCCU12_BISTABLE in FCCU_CFG register.
Reset Condition — POR
Table 80. NOT_FCCU_CFG register description
18.1.26 STATE_CTRL register
Bit
Symbol
Description
15
DBG_EXIT
Used to unlatch debug mode.
1b'0 — Nothing happens.
1b'1 — Exit debug mode.
Reset Condition — POR
1
GOTO_INIT_RUN
Go to INIT_RUN state command.
Applied only when GOTO_INIT_RUN = NOT(NOT_GOTO_INIT_
RUN).
1b'0 — Nothing happens.
1b'1 — Go to INIT_RUN state (if current state is NORMAL, bit self-
cleared when in state INIT_RUN).
Reset Condition — POR
Table 81. STATE_CTRL register description
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
89 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More