| Moteur de recherche de fiches techniques de composants électroniques |
|
MFS5600AMBAFES Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AMBAFES Fiches technique(HTML) 7 Page - NXP Semiconductors |
|
7 / 118 page ![]() NXP Semiconductors FS5600 Automotive buck regulator and controller with voltage monitors and watchdog timer 6 Regulator input configurations Input to SW1 and SW2 may be applied directly from a reverse protected automotive battery, or from the output of the other regulator as shown below. Ensure that Enable for the regulator goes high after its input is stable for proper soft-start operation. SW2 Ext FET SW2OUT Ext FET IN Q1 Q2 From reverse protected battery or SW1OUT SW1 Int FET SW1OUT SW1IN From reverse protected battery or SW2OUT From reverse protected battery VIN FS5600 aaa-039552 Figure 3. Regulator input options FS5600 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 4 — 29 April 2024 7 / 118 |