| Moteur de recherche de fiches techniques de composants électroniques |
|
MFS5600AMBA0ES Fiches technique(PDF) 76 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AMBA0ES Fiches technique(HTML) 76 Page - NXP Semiconductors |
|
76 / 118 page ![]() NXP Semiconductors FS5600 Automotive buck regulator and controller with voltage monitors and watchdog timer Bit Symbol Description Reset Condition — POR 3 GPIO1_RT GPIO1 input state (after deglitcher). 1b'0 — GPIO1_VDDOTP pin is low. 1b'1 — GPIO1_VDDOTP pin is high. Reset Condition — POR 2 GPIO3_OUTPUT GPIO3 output control if programmed as output by OTP_GPIO3_ CFG[1:0]. Applied to the output only when GPIO3_OUTPUT = NOT(NOT_ GPIO3_OUTPUT). 1b'0 — GPIO3 pin output driven low. 1b'1 — GPIO3 pin output HZ (pull-up). Reset Condition — POR 1 GPIO2_OUTPUT GPIO2 output control if programmed as output by OTP_GPIO2_ CFG[1:0]. Applied to the output only when GPIO2_OUTPUT = NOT(NOT_ GPIO2_OUTPUT). 1b'0 — GPIO2 pin output driven low. 1b'1 — GPIO2 pin output HZ (pull-up). Reset Condition — POR 0 GPIO1_OUTPUT GPIO1 output control if programmed as output by OTP_GPIO1_ CFG[1:0]. Applied to the output only when GPIO1_OUTPUT = NOT(NOT_ GPIO1_OUTPUT). 1b'0 — GPIO1_VDDOTP pin output driven low. 1b'1 — GPIO1_VDDOTP pin output HZ (pull-up) Reset Condition — POR. Table 60. GPIO_CTRL register description...continued 18.1.6 NOT_GPIO_CTRL register Bit Symbol Description 2 NOT_GPIO3_OUTPUT GPIO3 output control. 1b'0 — See GPIO3_OUTPUT in GPIO_CTRL register. 1b'1 — See GPIO3_OUTPUT in GPIO_CTRL register. Reset Condition — POR 1 NOT_GPIO2_OUTPUT GPIO2 output control 1b'0 — See GPIO2_OUTPUT in GPIO_CTRL register. 1b'1 — See GPIO2_OUTPUT in GPIO_CTRL register. Reset Condition — POR 0 NOT_GPIO1_OUTPUT GPIO1 output control 1b'0 — See GPIO1_OUTPUT in GPIO_CTRL register. 1b'1 — See GPIO1_OUTPUT in GPIO_CTRL register. Reset Condition — POR Table 61. NOT_GPIO_CTRL register description FS5600 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 4 — 29 April 2024 76 / 118 |