Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFS5600AMBA0ES Fiches technique(PDF) 63 Page - NXP Semiconductors

No de pièce MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Fiches technique(HTML) 63 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 59Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 60Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 61Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 62Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 63Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 64Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 65Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 66Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Transition
Description
Transition conditions
&&
(PGOOD2 released high internally && OTP_PGOOD2_SAFE = 1) OR (OTP_
PGOOD2_SAFE = 0)
&&
(OTP_GPIO1_CFG[1:0] = 0b10 && (OTP_ERRMON1_FLT_POL XOR
ERRMON1_pin) && OTP_ERRMON1_SAFE = 1) OR (OTP_GPIO1_
CFG[1:0] = 0b10 && OTP_ERRMON1_SAFE = 0)
OR (OTP_GPIO1_CFG[1:0] != 0b10)
&&
(OTP_GPIO3_CFG[1:0] = 0b10 && (OTP_ERRMON2_FLT_POL XOR
ERRMON2_pin) && OTP_ERRMON2_SAFE = 1) OR(OTP_GPIO3_
CFG[1:0] = 0b10 && OTP_ERRMON2_SAFE = 0)
OR (OTP_GPIO3_CFG[1:0] != 0b10)
]
&&
[
(OTP_MODE_SYNCINB = 1 && OTP_ULPM_EN = 1 && MODE_SYNCIN
pin = Low)
OR
(OTP_MODE_SYNCINB = 1 && OTP_ULPM_EN = 0)
OR
(OTP_MODE_SYNCINB = 0)
]
&&
[
OTP_WD_DIS = 1 OR
(Valid WD (WD_ERR_CNT = 0) && WD refreshed at least once)
]
&&
GOTO_NORMAL = 1 (set by system software)
C
NORMAL STATE to INIT_
RUN
Condition 1:
(PGOOD1 asserted low internally && OTP_PGOOD1_SAFE = 1)
C
NORMAL STATE to INIT_
RUN
Condition 2:
(PGOOD2 asserted low internally && OTP_PGOOD2_SAFE = 1)
C
NORMAL STATE to INIT_
RUN
Condition 3:
(WD Error Limit Reached (WD_ERR_CNT[1:0] >= WD_ERR_LIMIT[1:0] )
&&
WD_FAIL_IMPACT[1:0] = 01)
C
NORMAL STATE to INIT_
RUN
Condition 4:
(OTP_GPIO1_CFG[1:0] = 0b10 && OTP_ERRMON1_SAFE = 1 && Fault
Detected and no ACK)
C
NORMAL STATE to INIT_
RUN
Condition 5:
(OTP_GPIO3_CFG[1:0] = 0b10 && OTP_ERRMON2_SAFE = 1 && Fault
Detected and no ACK)
C
NORMAL STATE to INIT_
RUN
Condition 6:
(OTP_MODE_SYNCINB = 1 && OTP_ULPM_EN = 1 && MODE_SYNCIN
pin = High)
Table 53. State transition table...continued
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
63 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More