| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12H Fiches technique(PDF) 24 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12H Fiches technique(HTML) 24 Page - Freescale Semiconductor, Inc |
|
24 / 28 page ![]() 16-bit Microcontroller HCS12H Family, Rev. 11.1 24 Freescale Semiconductor PRELIMINARY Memory Maps Figure 11. MC3S12HZ(N)32 User Configurable Memory Map $0000 $FFFF $C000 $8000 $FF00 EXT NORMAL SINGLE CHIP EXPANDED SPECIAL SINGLE CHIP VECTORS VECTORS VECTORS $FF00 $FFFF BDM (If Active) $C000 $FFFF 16K Fixed Flash EEPROM 2K, 4K, 8K or 16K Protected Boot Sector $8000 $BFFF 16K Fixed Flash EEPROM $0000 $03FF 1K Register Space Mappable to any 2K Boundary The figure shows a useful map, which is not the map out of reset. After reset the map is: $0000 - $03FF: Register Space $0800 - $0FFF: 2K RAM $0400 $0800 $1000 $0800 $0FFF 2K Bytes RAM Mappable to any 2K Boundary |