| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12H Fiches technique(PDF) 23 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12H Fiches technique(HTML) 23 Page - Freescale Semiconductor, Inc |
|
23 / 28 page ![]() Memory Maps 16-bit Microcontroller HCS12H Family, Rev. 11.1 Freescale Semiconductor 23 PRELIMINARY Figure 10. MC9(3)S12HZ(N)64 User Configurable Memory Map $0000 $FFFF $C000 $8000 $4000 $3000 $FF00 EXT NORMAL SINGLE CHIP EXPANDED SPECIAL SINGLE CHIP VECTORS VECTORS VECTORS $FF00 $FFFF BDM (If Active) $C000 $FFFF 16K Fixed Flash EEPROM 2K, 4K, 8K or 16K Protected Boot Sector $8000 $BFFF 16K Page Window Four * 16K Flash EEPROM Pages $4000 $7FFF 16K Fixed Flash EEPROM 0.5K, 1K, 2K or 4K Protected Sector $3000 $3FFF 4K Bytes RAM Mappable to any 4K Boundary $0000 $03FF 1K Register Space Mappable to any 2K Boundary The figure shows a useful map, which is not the map out of reset. After reset the map is: $0000 - $03FF: Register Space $0000 - $0FFF: 4K RAM (1K not visible) $0400 $0800 $1000 $0800 $0FFF 1K Bytes EEPROM Mappable to any 2K Boundary (1K mapped twice in 2K Boundary) $0000 - $07FF: 1K EEPROM mapped twice (not visible) There is no mapping of EEPROM Flash on MC3S12HZ(N)64 |