Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP56362P Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc

No de pièce DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc

  DSP56362P Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 152 page
background image
Overview
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
1-3
1.1
Features
•
Multimode, multichannel decoder software functionality
— Dolby Digital and Pro Logic
— MPEG2 5.1
—DTS
— Bass management
•
Digital audio post-processing capabilities
— 3D Virtual surround sound
— Lucasfilm THX5.1
— Soundfield processing
— Equalization
•
Digital Signal Processing Core
— 100 MIPS with a 100 MHz clock at 3.3 V +/- 5%
— Object code compatible with the DSP56000 core
— Highly parallel instruction set
— Data arithmetic logic unit (ALU)
– Fully pipelined 24 x 24-bit parallel multiplier-accumulator (MAC)
– 56-bit parallel barrel shifter (fast shift and normalization; bit stream generation and parsing)
– Conditional ALU instructions
– 24-bit or 16-bit arithmetic support under software control
— Program control unit (PCU)
– Position independent code (PIC) support
– Addressing modes optimized for DSP applications (including immediate offsets)
– On-chip instruction cache controller
– On-chip memory-expandable hardware stack
– Nested hardware DO loops
– Fast auto-return interrupts
— Direct memory access (DMA)
– Six DMA channels supporting internal and external accesses
– One-, two-, and three- dimensional transfers (including circular buffering)
– End-of-block-transfer interrupts
– Triggering from interrupt lines and all peripherals
— Phase-locked loop (PLL)
– Software programmable PLL-based frequency synthesizer for the core clock
– Allows change of low-power divide factor (DF) without loss of lock
– Output clock with skew elimination
— Hardware debugging support