Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADPD7008 Fiches technique(PDF) 39 Page - Analog Devices

No de pièce ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Fiches technique(HTML) 39 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 35Page - Analog Devices ADPD7008 Datasheet HTML 36Page - Analog Devices ADPD7008 Datasheet HTML 37Page - Analog Devices ADPD7008 Datasheet HTML 38Page - Analog Devices ADPD7008 Datasheet HTML 39Page - Analog Devices ADPD7008 Datasheet HTML 40Page - Analog Devices ADPD7008 Datasheet HTML 41Page - Analog Devices ADPD7008 Datasheet HTML 42Page - Analog Devices ADPD7008 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
Data Sheet
ADPD7008
REGISTER SUMMARY
analog.com
Rev. 0 | 39 of 71
Table 15. Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x204
AFE_TRIM
1_H
[15:8]
AFE_TIA_
SAT_DET
ECT_EN_
H
RESERVED
AFE_BUFFER_GAIN_H
VREF_PUL
SE_H
AFE_TRIM_VREF_H
0x02C9
R/W
[7:0]
VREF_PULSE_VAL_H
TIA_GAIN_CH2_H
TIA_GAIN_CH1_H
0x205
AFE_TRIM
2_H
[15:8]
RESERVED
AFE_BUFF
ER_CAP_H
RESERVED
0x0000
R/W
[7:0]
RESERVED
TIA_GAIN_CH4_H
TIA_GAIN_CH3_H
0x206
AFE_DAC
1_H
[15:8]
DAC_AMBIENT_CH1_H[8:1]
0x0000
R/W
[7:0]
DAC_AMB
IENT_CH1
_H, Bit 0
DAC_LED_DC_CH1_H
0x207
AFE_DAC
2_H
[15:8]
DAC_AMBIENT_CH2_H[8:1]
0x0000
R/W
[7:0]
DAC_AMB
IENT_CH2
_H, Bit 0
DAC_LED_DC_CH2_H
0x208
LED_POW
12_H
[15:8]
RESERVE
D
LED_CURRENT2_H
0x0000
R/W
[7:0]
RESERVE
D
LED_CURRENT1_H
0x209
LED_MOD
E_H
[15:8]
RESERVED
0x0000
R/W
[7:0]
LED_DRIVESIDE2_H
LED_DRIVESIDE1_H
RESERVED
LED_MODE
2_H
LED_MODE
1_H
0x20A
COUNTS_
H
[15:8]
NUM_INT_H
0x0101
R/W
[7:0]
NUM_REPEAT_H
0x20B
PERIOD_
H
[15:8]
RESERVE
D
COARSE_L
OOP_WIDT
H_H
MOD_TYPE_H
RESERVED
MIN_PERIOD_H[9:8]
0x0000
R/W
[7:0]
MIN_PERIOD_H[7:0]
0x20C
LED_PUL
SE1_H
[15:8]
LED_WIDTH_H
0x0210
R/W
[7:0]
LED_OFFSET_H
0x20D
AFE_DAC
3_H
[15:8]
DAC_AMBIENT_CH3_H[8:1]
0x0000
R/W
[7:0]
DAC_AMB
IENT_CH3
_H, Bit 0
DAC_LED_DC_CH3_H
0x20E
AFE_DAC
4_H
[15:8]
DAC_AMBIENT_CH4_H[8:1]
0x0000
R/W
[7:0]
DAC_AMB
IENT_CH4
_H, Bit 0
DAC_LED_DC_CH4_H
0x20F
THRESH0
_H
[15:8]
RESERVED
THRESH0_SHIFT_H
0x0000
R/W
[7:0]
THRESH0_VALUE_H
0x210
MOD_PUL
SE_H
[15:8]
MOD_WIDTH_H
0x0001
R/W
[7:0]
MOD_OFFSET_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71