Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADPD7008 Fiches technique(PDF) 32 Page - Analog Devices

No de pièce ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Fiches technique(HTML) 32 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 28Page - Analog Devices ADPD7008 Datasheet HTML 29Page - Analog Devices ADPD7008 Datasheet HTML 30Page - Analog Devices ADPD7008 Datasheet HTML 31Page - Analog Devices ADPD7008 Datasheet HTML 32Page - Analog Devices ADPD7008 Datasheet HTML 33Page - Analog Devices ADPD7008 Datasheet HTML 34Page - Analog Devices ADPD7008 Datasheet HTML 35Page - Analog Devices ADPD7008 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
Data Sheet
ADPD7008
REGISTER SUMMARY
analog.com
Rev. 0 | 32 of 71
Table 15. Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x191
PATTERN
1_D
[15:8]
LED_DISABLE_D
MOD_DISABLE_D
0x0000
R/W
[7:0]
SUBTRACT_D
AFE_SWAP_D
0x192
THRESH_
CFG_D
[15:8]
RESERVED
THRESH1_
DIR_D
THRESH1_TYPE_D
0x0000
R/W
[7:0]
RESERVED
THRESH0_
DIR_D
THRESH0_TYPE_D
0x193
ADC_OFF
1_D
[15:8]
RESERVED
CH1_ADC_ADJUST_D[13:8]
0x0000
R/W
[7:0]
CH1_ADC_ADJUST_D[7:0]
0x194
ADC_OFF
2_D
[15:8]
RESERVED
CH2_ADC_ADJUST_D[13:8]
0x0000
R/W
[7:0]
CH2_ADC_ADJUST_D[7:0]
0x195
DATA1_D
[15:8]
DARK_SHIFT_D
DARK_SIZE_D
0x0003
R/W
[7:0]
SIGNAL_SHIFT_D
SIGNAL_SIZE_D
0x196
DATA2_D
[15:8]
RESERVED
0x0000
R/W
[7:0]
LIT_SHIFT_D
LIT_SIZE_D
0x197
DECIMAT
E_D
[15:8]
CHANNEL_EN_D
RESERVED
SUBSAMPLE_RATIO_D[6:4]
0x0010
R/W
[7:0]
SUBSAMPLE_RATIO_D[3:0]
RESERVED
0x198
DIGINT_LI
T_D
[15:8]
RESERVED
LIT_OFFSE
T_D, Bit 8
0x0026
R/W
[7:0]
LIT_OFFSET_D[7:0]
0x199
DIGINT_D
ARK_D
[15:8]
DARK2_OFFSET_D[8:1]
0x0086
R/W
[7:0]
DARK2_O
FFSET_D,
Bit 0
DARK1_OFFSET_D
0x19A
ADC_OFF
3_D
[15:8]
RESERVED
CH3_ADC_ADJUST_D[13:8]
0x0000
R/W
[7:0]
CH3_ADC_ADJUST_D[7:0]
0x19B
ADC_OFF
4_D
[15:8]
RESERVED
CH4_ADC_ADJUST_D[13:8]
0x0000
R/W
[7:0]
CH4_ADC_ADJUST_D[7:0]
0x19C
THRESH1
_D
[15:8]
RESERVED
THRESH1_SHIFT_D
0x0000
R/W
[7:0]
THRESH1_VALUE_D
0x1A0
TS_CTRL_
E
[15:8]
RESERVED
SAMPLE_TYPE_E
RESERVED TIMESLOT_OFFSET_E[9:8
]
0x1000
R/W
[7:0]
TIMESLOT_OFFSET_E[7:0]
0x1A1
TS_PATH_
E
[15:8]
PRE_WIDTH_E
AMBIENT_CANCELLATIO
N_E
GOUT_E
RESERVED 0x4020
R/W
[7:0]
RESERVE
D
AFE_PATH_CFG_E
0x1A2
INPUTS_E [15:8]
INP4_SEL_E
INP3_SEL_E
INP2_SEL_E
INP1_SEL_E
0x0000
R/W
[7:0]
INP34_E
INP12_E
0x1A3
CATHODE
_E
[15:8]
RESERVE
D
PRECON_E
RESERVED
AFE_VREF_AMB_SEL_E 0x0200
R/W
[7:0]
VC1_AMB_SEL_E
VC1_PULSE_E
VC1_ALT_E
VC1_SEL_E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71