Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCS665D Fiches technique(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

No de pièce SCS665D
Description  650V/6A SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Site Internet  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SCS665D Fiches technique(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SCS665D Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SCS665D Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SCS665D Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SCS665D Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCS665D
650V/6A SiC Schottky Barrier Diode
Low Forward Voltage (VF)
Shorter recovery time
High speed switching
High surge current capability
Enabling higher frequency and increased power density
System efficiency improvement
System cost and size savings due to the reduced cooling requirements
Features
Halogen Free, RoHS Compliant
1
2
TO-252
CASE
Applications
Power Factor Correction in SMPS
Solar inverter
Circuit Diagram
Uninterruptible Power Supply
Motor Drives
Data Center
CASE
1
2
1: Cathode
2: Anode
CASE: Cathode
Absolute Maximum Rating
Symbol
Parameter
Value
Unit
Test Condition
VRM
Repetitive peak reverse voltage
650
V TC = 25°C
IF
Continuous forward current
6
A TC = 135°C
IFSM
Surge non-repetitive forward current
92
A TC = 25°C, tp=10ms, Sine half wave
Tj
Junction temperature
175
°
C
TSTG
Storage temperature
-55/+175 °C


Numéro de pièce similaire - SCS665D

FabricantNo de pièceFiches techniqueDescription
logo
Goodwork Semiconductor ...
SCS665 GWSEMI-SCS665 Datasheet
354Kb / 4P
650V/6A SiC Schottky Barrier Diode
SCS665B GWSEMI-SCS665B Datasheet
355Kb / 4P
650V/6A SiC Schottky Barrier Diode
SCS665P GWSEMI-SCS665P Datasheet
357Kb / 4P
650V/6A SiC Schottky Barrier Diode
More results

Description similaire - SCS665D

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
Chip Integration Techno...
SIC06C60 CITC-SIC06C60 Datasheet
772Kb / 4P
6A SiC Schottky Diode
SICF06C60 CITC-SICF06C60 Datasheet
3Mb / 4P
6A SiC Schottky Diode
logo
GeneSiC Semiconductor, ...
GE06MPS06A GENESIC-GE06MPS06A Datasheet
509Kb / 7P
650V 6A SiC Schottky MPS??Diode
GE06MPS06E GENESIC-GE06MPS06E Datasheet
508Kb / 7P
650V 6A SiC Schottky MPS??Diode
logo
UnitedSiC.
UJ3D06506TS UNITEDSIC-UJ3D06506TS Datasheet
388Kb / 5P
6A - 650V SiC Schottky Diode
Rev. A, September 2018
UJD06506TS UNITEDSIC-UJD06506TS Datasheet
514Kb / 4P
6A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
logo
Silicon Supplies
SIS650S06AS SS-SIS650S06AS Datasheet
1Mb / 3P
650V 6A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com