Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431CDBVR Fiches technique(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL431CDBVR
Description  TL431, TL432 Precision Programmable Reference
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL431CDBVR Fiches technique(HTML) 47 Page - Texas Instruments

Back Button TL431CDBVR Datasheet HTML 43Page - Texas Instruments TL431CDBVR Datasheet HTML 44Page - Texas Instruments TL431CDBVR Datasheet HTML 45Page - Texas Instruments TL431CDBVR Datasheet HTML 46Page - Texas Instruments TL431CDBVR Datasheet HTML 47Page - Texas Instruments TL431CDBVR Datasheet HTML 48Page - Texas Instruments TL431CDBVR Datasheet HTML 49Page - Texas Instruments TL431CDBVR Datasheet HTML 50Page - Texas Instruments TL431CDBVR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Apr-2024
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL431QDCKR
SC70
DCK
6
3000
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431QDCKT
SC70
DCK
6
250
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431QDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL432ACDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL432ACDBZR
SOT-23
DBZ
3
3000
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432ACDBZR
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432ACDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432ACDBZT
SOT-23
DBZ
3
250
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432ACDBZT
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432ACDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432AIDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL432AIDBZR
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432AIDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432AIDBZT
SOT-23
DBZ
3
250
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432AIDBZT
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432AIDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432AIPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432AQDBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432AQDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL432AQDBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432AQDBVT
SOT-23
DBV
5
250
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL432AQDBZR
SOT-23
DBZ
3
3000
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432AQDBZR
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432AQDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432AQDBZT
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432AQDBZT
SOT-23
DBZ
3
250
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432AQDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432AQPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432BCDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432BCDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL432BCDBZR
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432BCDBZR
SOT-23
DBZ
3
3000
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432BCDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432BCDBZT
SOT-23
DBZ
3
250
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432BCDBZT
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432BCDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432BCPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432BIDBZR
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432BIDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432BIDBZT
SOT-23
DBZ
3
250
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL432BIDBZT
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78