Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431CDBVR Fiches technique(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL431CDBVR
Description  TL431, TL432 Precision Programmable Reference
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL431CDBVR Fiches technique(HTML) 45 Page - Texas Instruments

Back Button TL431CDBVR Datasheet HTML 41Page - Texas Instruments TL431CDBVR Datasheet HTML 42Page - Texas Instruments TL431CDBVR Datasheet HTML 43Page - Texas Instruments TL431CDBVR Datasheet HTML 44Page - Texas Instruments TL431CDBVR Datasheet HTML 45Page - Texas Instruments TL431CDBVR Datasheet HTML 46Page - Texas Instruments TL431CDBVR Datasheet HTML 47Page - Texas Instruments TL431CDBVR Datasheet HTML 48Page - Texas Instruments TL431CDBVR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Apr-2024
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL431AIDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431AIDBZT
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431AIDBZT
SOT-23
DBZ
3
250
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL431AIDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431AIDCKR
SC70
DCK
6
3000
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431AIDCKT
SC70
DCK
6
250
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431AIDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431AIPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL431AQDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL431AQDBVT
SOT-23
DBV
5
250
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL431AQDBZR
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431AQDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431AQDBZT
SOT-23
DBZ
3
250
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL431AQDBZT
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431AQDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431AQDCKR
SC70
DCK
6
3000
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431AQDCKT
SC70
DCK
6
250
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431AQPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL431BCDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL431BCDBVT
SOT-23
DBV
5
250
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL431BCDBZR
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431BCDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431BCDBZT
SOT-23
DBZ
3
250
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL431BCDBZT
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431BCDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431BCDCKR
SC70
DCK
6
3000
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431BCDCKT
SC70
DCK
6
250
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431BCDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431BCPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL431BIDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL431BIDBVT
SOT-23
DBV
5
250
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TL431BIDBZR
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431BIDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431BIDBZT
SOT-23
DBZ
3
250
178.0
9.0
3.15
2.77
1.22
4.0
8.0
Q3
TL431BIDBZT
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431BIDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431BIDCKR
SC70
DCK
6
3000
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431BIDCKT
SC70
DCK
6
250
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431BIDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431BIDR
SOIC
D
8
2500
330.0
12.8
6.4
5.2
2.1
8.0
12.0
Q1
TL431BIPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78