Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNX4LVC02A Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce SNX4LVC02A
Description  SN74LVC02A Quadruple 2-Input Positive-NOR Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SNX4LVC02A Fiches technique(HTML) 4 Page - Texas Instruments

  SNX4LVC02A Datasheet HTML 1Page - Texas Instruments SNX4LVC02A Datasheet HTML 2Page - Texas Instruments SNX4LVC02A Datasheet HTML 3Page - Texas Instruments SNX4LVC02A Datasheet HTML 4Page - Texas Instruments SNX4LVC02A Datasheet HTML 5Page - Texas Instruments SNX4LVC02A Datasheet HTML 6Page - Texas Instruments SNX4LVC02A Datasheet HTML 7Page - Texas Instruments SNX4LVC02A Datasheet HTML 8Page - Texas Instruments SNX4LVC02A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(1)
–0.5
6.5
V
VO
Output voltage range(1) (2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
Tstg
Storage temperature range
–65
150
°C
Ptot
Power dissipation
TA = –40°C to 125°C(3) (4)
500
mW
(1)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(2)
The value of VCC is provided in the recommended operating conditions table.
(3)
For the D package: above 70°C, the value of Ptot derates linearly with 8 mW/K.
(4)
For the DB, NS, and PW packages: above 60°C, the value of Ptot derates linearly with 5.5 mW/K.
4.2 ESD Ratings
VALUE
UNIT
V (ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
4.3 Recommended Operating Conditions, SN54LVC02A
SN54LVC02A
UNIT
–55°C to 125°C
MIN
MAX
VCC
Supply voltage
Operating
2
3.6
V
Data retention only
1.5
VIH
High-level input voltage
VCC = 2.7V to 3.6V
2
V
VIL
Low-level input voltage
VCC = 2.7V to 3.6V
0.8
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
VCC = 2.7V
–12
mA
VCC = 3V
–24
IOL
Low-level output current
VCC = 2.7V
12
mA
VCC = 3V
24
4.4 Recommended Operating Conditions, SN74LVC02A
SN74LVC02A
UNIT
TA = 25°C
–40°C to 85°C
–40°C to 125°C
MIN
MAX
MIN
MAX
MIN
MAX
VCC
Supply voltage
Operating
1.65
3.6
1.65
3.6
1.65
3.6
V
Data retention only
1.5
1.5
1.5
SN54LVC02A, SN74LVC02A
SCAS280R – JANUARY 1993 – REVISED MARCH 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54LVC02A SN74LVC02A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com