Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNX4LVC02A Fiches technique(PDF) 23 Page - Texas Instruments

No de pièce SNX4LVC02A
Description  SN74LVC02A Quadruple 2-Input Positive-NOR Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SNX4LVC02A Fiches technique(HTML) 23 Page - Texas Instruments

Back Button SNX4LVC02A Datasheet HTML 19Page - Texas Instruments SNX4LVC02A Datasheet HTML 20Page - Texas Instruments SNX4LVC02A Datasheet HTML 21Page - Texas Instruments SNX4LVC02A Datasheet HTML 22Page - Texas Instruments SNX4LVC02A Datasheet HTML 23Page - Texas Instruments SNX4LVC02A Datasheet HTML 24Page - Texas Instruments SNX4LVC02A Datasheet HTML 25Page - Texas Instruments SNX4LVC02A Datasheet HTML 26Page - Texas Instruments SNX4LVC02A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4224636/A 11/2018
www.ti.com
WQFN - 0.8 mm max height
PLASTIC QUAD FLAT PACK-NO LEAD
BQA0014A
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
2.6
2.4
3.1
2.9
PIN 1 INDEX AREA
0.8
0.7
0.05
0.00
SEATING PLANE
C
1.1
0.9
1.6
1.4
2X 0.5
2X
2
8X 0.5
14X 0.3
0.2
14X 0.5
0.3
(0.2) TYP
2
6
7
8
9
13
14
1
15
PIN 1 ID
(OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com