Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FPR7USB4PLW Fiches technique(PDF) 1 Page - ML Accessories Limited. All rights reserved.

No de pièce FPR7USB4PLW
Description  13A Switched Socket with Quad USB-A (5V DC 5.1A shared) -
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Site Internet  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

FPR7USB4PLW Fiches technique(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  FPR7USB4PLW Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
FPR7USB4PLW
DESCRIPTION
13A Switched Socket with Quad USB-A (5V DC 5.1A shared) -
Pearl with White Insert
NET WEIGHT (KG)
0.2435
FINISH
Pearl
INSERT COLOUR
White
DIMENSIONS (MM)
Height - 87.5
Width - 147.5
Projection - 2.5
MINIMUM MOUNTING BOX DEPTH
25-35mm (dependent on wiring conditions)
CONSTRUCTION
Construction - Premium grade steel
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
SWITCH TYPE
Single Pole
EARTH TERMINAL
Yes
LOAD/MAX. LOAD
13A
TERMINAL CAPACITY
2 x 2.5mm² or 1 x 4.0mm²
NO. OF USB PORTS
4
NO. OF TYPE-A PORTS
4
USB CHARGING
5V DC 5.1A (3A shared + 2.1A dedicated)
ADDITIONAL FEATURES
Overload protection and short circuit protection
WARRANTY
2year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 1363-2, EN 62368-1
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832958789
Date Created: 12/04/2024 02:27
www.mlaccessories.co.uk
FPR7USB4PLW
13A Switched Socket with Quad USB-A (5V DC 5.1A
shared) - Pearl with White Insert


Numéro de pièce similaire - FPR7USB4PLW

FabricantNo de pièceFiches techniqueDescription
logo
ML Accessories Limited....
FPR7USB4PB KNIGHTSBRIDGE-FPR7USB4PB Datasheet
191Kb / 1P
13A Switched Socket with Quad USB-A
16/04/2024
More results

Description similaire - FPR7USB4PLW

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
SWITCHED CAPACITOR DC-DC CONVERTER
logo
Elantec Semiconductor
EL6262C ELANTEC-EL6262C Datasheet
137Kb / 2P
Quad 20MHz & Quad, 70MHz, Switched Gain Pre-Amp
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
logo
Molex Electronics Ltd.
1673730 MOLEX11-1673730 Datasheet
109Kb / 1P
Switched Socket
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
logo
List of Unclassifed Man...
LS-WVL ETC2-LS-WVL Datasheet
516Kb / 2P
Shared Network Storage
logo
Shenzhenshi YONGFUKANG ...
CS5082E YONGFUKANG-CS5082E Datasheet
1Mb / 7P
NTC,5V USB
CS5086E YONGFUKANG-CS5086E Datasheet
2Mb / 9P
5V USB 1.5A
logo
Shenzhen Huazhimei Semi...
HM4038 HMSEMI-HM4038 Datasheet
5Mb / 8P
5V USB IC
logo
Tripp Lite. All Rights ...
TLM88USBC TRIPPLITE-TLM88USBC Datasheet
73Kb / 4P
8-Outlet Surge Protector with 1 USB-A and 1 USB-C (3.9A Shared) - 8 ft. Cord, 2100 Joules, Metal Housing
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com