Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FPR7USB4PLW Fiches technique (PDF) - ML Accessories Limited. All rights reserved.

FPR7USB4PLW Datasheet PDF - ML Accessories Limited.  All rights reserved.
No de pièce FPR7USB4PLW
Télécharger  FPR7USB4PLW Télécharger
Taille du fichier   182.89 Kbytes
Page   1 Pages
Fabricant  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Site Internet  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 13A Switched Socket with Quad USB-A (5V DC 5.1A shared) -

FPR7USB4PLW Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FPR7USB4PLW Datasheet PDF - ML Accessories Limited.  All rights reserved.

No de pièce FPR7USB4PLW
Télécharger  FPR7USB4PLW Click to download

Taille du fichier   182.89 Kbytes
Page   1 Pages
Fabricant  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Site Internet  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 13A Switched Socket with Quad USB-A (5V DC 5.1A shared) -

FPR7USB4PLW Fiches technique (HTML) - ML Accessories Limited. All rights reserved.


FPR7USB4PLW Détails du produit

DESCRIPTION
13A Switched Socket with Quad USB-A (5V DC 5.1A shared) -
Pearl with White Insert
ADDITIONAL FEATURES Overload protection and short circuit protection




Numéro de pièce similaire - FPR7USB4PLW

FabricantNo de pièceFiches techniqueDescription
logo
ML Accessories Limited....
FPR7USB4PB KNIGHTSBRIDGE-FPR7USB4PB Datasheet
191Kb / 1P
13A Switched Socket with Quad USB-A
16/04/2024
More results


Description similaire - FPR7USB4PLW

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
SWITCHED CAPACITOR DC-DC CONVERTER
logo
Elantec Semiconductor
EL6262C ELANTEC-EL6262C Datasheet
137Kb / 2P
Quad 20MHz & Quad, 70MHz, Switched Gain Pre-Amp
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
logo
Molex Electronics Ltd.
1673730 MOLEX11-1673730 Datasheet
109Kb / 1P
Switched Socket
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
logo
List of Unclassifed Man...
LS-WVL ETC2-LS-WVL Datasheet
516Kb / 2P
Shared Network Storage
logo
Shenzhenshi YONGFUKANG ...
CS5082E YONGFUKANG-CS5082E Datasheet
1Mb / 7P
NTC,5V USB
CS5086E YONGFUKANG-CS5086E Datasheet
2Mb / 9P
5V USB 1.5A
logo
Shenzhen Huazhimei Semi...
HM4038 HMSEMI-HM4038 Datasheet
5Mb / 8P
5V USB IC
logo
Tripp Lite. All Rights ...
TLM88USBC TRIPPLITE-TLM88USBC Datasheet
73Kb / 4P
8-Outlet Surge Protector with 1 USB-A and 1 USB-C (3.9A Shared) - 8 ft. Cord, 2100 Joules, Metal Housing
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com