| Moteur de recherche de fiches techniques de composants électroniques |
|
MIRA130 Fiches technique(PDF) 39 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
MIRA130 Fiches technique(HTML) 39 Page - OSRAM GmbH |
|
39 / 52 page ![]() Document Feedback Mira130 Sensor Operation Datasheet • PUBLIC DS000715 • v6-00 • 2023-Aug-09 51 │ 38 For AGC control, please refer to the following two methods: 1. When register 16'h3e03[3:0] is set to 4'h3, gain equals to the value of {ANA GAIN register, ANA FINE GAIN register } ÷ 8'h20. 2. When register 16'h3e03[3:0] is set to 4'hb, the analog gain and digital can be tuned. In general, the analog gain should be increased first. If the brightness is required to be further increased when the analog gain is increased to the maximum, the digital gain can be increased. The accuracy of the DIG FINE gain of this chip is 1/128. Figure 46: Analog Gain Settings ANA GAIN ANA FINE GAIN GAIN Value dB Value ANA GAIN ANA FINE GAIN GAIN Value dB Value ANA GAIN ANA FINE GAIN GAIN Value dB Value 8'h03 8'h20 1.000 0.00 8'h23 8'h31 2.775 8.87 8'h27 8'h3C 6.797 16.65 8'h03 8'h21 1.031 0.27 8'h23 8'h32 2.832 9.04 8'h27 8'h3D 6.910 16.79 8'h03 8'h22 1.063 0.53 8'h23 8'h33 2.889 9.21 8'h27 8'h3E 7.023 16.93 8'h03 8'h23 1.094 0.78 8'h23 8'h34 2.945 9.38 8'h27 8'h3F 7.137 17.07 8'h03 8'h24 1.125 1.02 8'h23 8'h35 3.002 9.55 8'h2F 8'h20 7.250 17.21 8'h03 8'h25 1.156 1.26 8'h23 8'h36 3.059 9.71 8'h2F 8'h21 7.477 17.47 8'h03 8'h26 1.188 1.49 8'h23 8'h37 3.115 9.87 8'h2F 8'h22 7.703 17.73 8'h03 8'h27 1.219 1.72 8'h23 8'h38 3.172 10.03 8'h2F 8'h23 7.930 17.99 8'h03 8'h28 1.250 1.94 8'h23 8'h39 3.229 10.18 8'h2F 8'h24 8.156 18.23 8'h03 8'h29 1.281 2.15 8'h23 8'h3A 3.285 10.33 8'h2F 8'h25 8.383 18.47 8'h03 8'h2A 1.313 2.36 8'h23 8'h3B 3.342 10.48 8'h2F 8'h26 8.609 18.70 8'h03 8'h2B 1.344 2.57 8'h23 8'h3C 3.398 10.63 8'h2F 8'h27 8.836 18.93 8'h03 8'h2C 1.375 2.77 8'h23 8'h3D 3.455 10.77 8'h2F 8'h28 9.063 19.14 8'h03 8'h2D 1.406 2.96 8'h23 8'h3E 3.512 10.91 8'h2F 8'h29 9.289 19.36 8'h03 8'h2E 1.438 3.15 8'h23 8'h3F 3.568 11.05 8'h2F 8'h2A 9.516 19.57 8'h03 8'h2F 1.469 3.34 8'h27 8'h20 3.625 11.19 8'h2F 8'h2B 9.742 19.77 8'h03 8'h30 1.500 3.52 8'h27 8'h21 3.738 11.45 8'h2F 8'h2C 9.969 19.97 8'h03 8'h31 1.531 3.70 8'h27 8'h22 3.852 11.71 8'h2F 8'h2D 10.195 20.17 8'h03 8'h32 1.563 3.88 8'h27 8'h23 3.965 11.96 8'h2F 8'h2E 10.422 20.36 8'h03 8'h33 1.594 4.05 8'h27 8'h24 4.078 12.21 8'h2F 8'h2F 10.648 20.55 8'h03 8'h34 1.625 4.22 8'h27 8'h25 4.191 12.45 8'h2F 8'h30 10.875 20.73 8'h03 8'h35 1.656 4.38 8'h27 8'h26 4.305 12.68 8'h2F 8'h31 11.102 20.91 8'h03 8'h36 1.688 4.54 8'h27 8'h27 4.418 12.90 8'h2F 8'h32 11.328 21.08 8'h03 8'h37 1.719 4.70 8'h27 8'h28 4.531 13.12 8'h2F 8'h33 11.555 21.26 8'h03 8'h38 1.750 4.86 8'h27 8'h29 4.645 13.34 8'h2F 8'h34 11.781 21.42 8'h03 8'h39 1.781 5.01 8'h27 8'h2A 4.758 13.55 8'h2F 8'h35 12.008 21.59 8'h23 8'h20 1.813 5.17 8'h27 8'h2B 4.871 13.75 8'h2F 8'h36 12.234 21.75 8'h23 8'h21 1.869 5.43 8'h27 8'h2C 4.984 13.95 8'h2F 8'h37 12.461 21.91 8'h23 8'h22 1.926 5.69 8'h27 8'h2D 5.098 14.15 8'h2F 8'h38 12.688 22.07 |