Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIRA130 Fiches technique(PDF) 2 Page - OSRAM GmbH

No de pièce MIRA130
Description  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

MIRA130 Fiches technique(HTML) 2 Page - OSRAM GmbH

  MIRA130 Datasheet HTML 1Page - OSRAM GmbH MIRA130 Datasheet HTML 2Page - OSRAM GmbH MIRA130 Datasheet HTML 3Page - OSRAM GmbH MIRA130 Datasheet HTML 4Page - OSRAM GmbH MIRA130 Datasheet HTML 5Page - OSRAM GmbH MIRA130 Datasheet HTML 6Page - OSRAM GmbH MIRA130 Datasheet HTML 7Page - OSRAM GmbH MIRA130 Datasheet HTML 8Page - OSRAM GmbH MIRA130 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Datasheet
DS000715
Mira130
1.3 MP NIR Enhanced Global Shutter CMOS Image
Sensor
v6-00
• 2023-Aug-09
Abstract
This datasheet document describes the specification and functionalities of Mira130, a 1.3 MP global
shutter NIR image sensor with excellent Quantum Efficiency in the near-infrared range.
The main target application for this sensor is 3D-enabled consumer devices. The state-of-the-art NIR
performance of Mira130 allows outstanding power consumption reduction of 3D systems in which this
sensor is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52