Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2S3003 Fiches technique(PDF) 34 Page - NXP Semiconductors

No de pièce SL2S3003
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003 Fiches technique(HTML) 34 Page - NXP Semiconductors

Back Button SL2S3003 Datasheet HTML 30Page - NXP Semiconductors SL2S3003 Datasheet HTML 31Page - NXP Semiconductors SL2S3003 Datasheet HTML 32Page - NXP Semiconductors SL2S3003 Datasheet HTML 33Page - NXP Semiconductors SL2S3003 Datasheet HTML 34Page - NXP Semiconductors SL2S3003 Datasheet HTML 35Page - NXP Semiconductors SL2S3003 Datasheet HTML 36Page - NXP Semiconductors SL2S3003 Datasheet HTML 37Page - NXP Semiconductors SL2S3003 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5 Supported commands
8.5.1 Mandatory commands
8.5.1.1 INVENTORY
The command is as defined in ISO/IEC 15693-3 [3].
Exception: If the Privacy or Destroy mode is enabled, the label does not respond.
8.5.1.2 STAY QUIET
The command is as defined in ISO/IEC 15693-3 [3].
8.5.2 Optional commands
8.5.2.1 READ SINGLE BLOCK
As defined in ISO/IEC 15693-3.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is supported.
If the related page of the addressed block is protected with the Read-Password, and if the password has not
been transmitted first with the SET PASSWORD command, the label responds according to the error handling
(see Section 8.6 "Error handling").
Note: Block 75 of the user memory is used for the 24-bit counter feature and must be used differently. Refer to
Section 8.5.3.25 "24-bit counter".
8.5.2.2 WRITE SINGLE BLOCK
As defined in ISO/IEC 15693-3.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is supported.
If the addressed block is part of a write protected page, or if the block is protected with the Read Password
only (see Section 8.5.3.6 "PROTECT PAGE"), and the password has not been transmitted first with the SET
PASSWORD command, the label responds according to the error handling (see Section 8.6 "Error handling").
Note: Block 75 of the user memory is used for the 24-bit counter feature and must be used differently. Refer to
Section 8.5.3.25 "24-bit counter".
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
34 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82