Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2S3003 Fiches technique(PDF) 19 Page - NXP Semiconductors

No de pièce SL2S3003
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003 Fiches technique(HTML) 19 Page - NXP Semiconductors

Back Button SL2S3003 Datasheet HTML 15Page - NXP Semiconductors SL2S3003 Datasheet HTML 16Page - NXP Semiconductors SL2S3003 Datasheet HTML 17Page - NXP Semiconductors SL2S3003 Datasheet HTML 18Page - NXP Semiconductors SL2S3003 Datasheet HTML 19Page - NXP Semiconductors SL2S3003 Datasheet HTML 20Page - NXP Semiconductors SL2S3003 Datasheet HTML 21Page - NXP Semiconductors SL2S3003 Datasheet HTML 22Page - NXP Semiconductors SL2S3003 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
Bit number
0
1
2
3
4
5
6
7
NFC_MIRROR_BLK
RFU
Table 18. NFC_MIRROR_BLK byte
Field
Bit
Values at
Delivery
Description
NFC_MIRROR_
BLK
7
00h
Defines the first block within the user memory where the NFC mirror shall start.
Table 19. NFC_MIRROR_BLK byte configuration parameter descriptions
Bit number
0
1
2
3
4
5
6
7
TT_SHOW_STATUS
RFU
Table 20.  TT_SHOW_STATUS byte for SL2S3003TT (RFU for SL2S3003)
Field
Bit
Values at
Delivery
Description
for SL2S3003
TT (RFU for SL2
S3003)
TT_SHOW_
STATUS
2
00h
Defines which TagTamper Status shall be shown by NFC mirror feature and READ
TT command:
00b … No TagTamper status (actual status and stored TagTamper message are
masked)
10b … Only actual TagTamper status is shown (stored TagTamper status is
masked)
01b … Only stored TagTamper status is shown (actual TagTamper status is
masked)
11b … actual and stored TagTamper status are shown
Table 21. TT_SHOW_STATUS byte configuration parameter descriptions
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
19 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82