| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL27711FN Fiches technique(PDF) 41 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL27711FN Fiches technique(HTML) 41 Page - OSRAM GmbH |
|
41 / 51 page ![]() Page 40 ams Datasheet Document Feedback [v1-00] 2016-Mar-22 TSL2771 − Application Information Hardware PCB Pad Layouts Suggested PCB pad layout guidelines for the Dual Flat No-Lead (FN) surface mount package are shown in Figure 45. Note(s): Pads can be extended further if hand soldering is needed. Figure 45: Suggested FN Package PCB Layout Note(s): 1. All linear dimensions are in micrometers. 2. This drawing is subject to change without notice. 400 2500 400 1000 1700 650 1000 650 |