| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL27711FN Fiches technique(PDF) 33 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL27711FN Fiches technique(HTML) 33 Page - OSRAM GmbH |
|
33 / 51 page ![]() Page 32 ams Datasheet Document Feedback [v1-00] 2016-Mar-22 TSL2771 − Register Set Persistence Register (0x0C) The persistence register controls the filtering interrupt capabilities of the device. Configurable filtering is provided to allow interrupts to be generated after each ADC integration cycle or if the ADC integration has produced a result that is outside of the values specified by threshold register for some specified amount of time. Separate filtering is provided for proximity and ALS functions. ALS interrupts are generated using C0DATA. Figure 35: Persistence Register 76 5 4 3 2 1 0 PPERS APERS Field Bits Description PPERS 7:4 Proximity interrupt persistence. Controls rate of proximity interrupt to the host processor FIELD VALUE MEANING INTERRUPT PERSISTENCE FUNCTION 0000 ----- Every proximity cycle generates an interrupt 0001 1 1 proximity value out of range 0010 2 2 consecutive proximity values out of range ... ... ... 1111 15 15 consecutive proximity values out of range |