| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL2672 Fiches technique(PDF) 32 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2672 Fiches technique(HTML) 32 Page - OSRAM GmbH |
|
32 / 47 page ![]() ams Datasheet Page 31 [v1-01] 2019-Nov-20 Document Feedback TSL2672 − Principles Of Operation ID Register (0x12) The ID Register provides the value for the part number. The ID register is a read-only register. Figure 37: ID Register Status Register (0x13) The Status Register provides the internal status of the device. This register is read only. Figure 38: Status Register 76 5 4 3 2 1 0 ID Field Bits Description ID 7:0 Part number identification 0x32 = TSL26721 & TSL26725 0x3B = TSL26723 & TSL26727 76 5 4 3 2 1 0 Reserved PSAT PINT Reserved PVALID Reserved Field Bit Description Reserved 7 Reserved. Read as 0. PSAT 6 Proximity Saturation. Indicates that the proximity measurement saturated. PINT 5 Proximity Interrupt. Indicates that the device is asserting a proximity interrupt. Reserved 4:2 Reserved. Read as 0. PVALID 1 Proximity Valid. Indicates that the proximity channel has completed an integration cycle after PEN has been asserted. Reserved 0 Reserved. Read as 0. |