| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL2672 Fiches technique(PDF) 30 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2672 Fiches technique(HTML) 30 Page - OSRAM GmbH |
|
30 / 47 page ![]() ams Datasheet Page 29 [v1-01] 2019-Nov-20 Document Feedback TSL2672 − Principles Of Operation Configuration Register (0x0D) The configuration register sets the proximity LED drive level and wait long time. Figure 34: Configuration Register Proximity Pulse Count Register (0x0E) The proximity pulse count register sets the number of proximity pulses that the LDR pin will generate during the Prox Accum state. Figure 35: Proximity Pulse Count Register 76 5 4 3 2 1 0 Reserved WLONG PDL Field Bits Description Reserved 7:2 Reserved. Write as 0. WLONG 1 Wait Long. When asserted, the wait cycles are increased by a factor 12x from that programmed in the WTIME register. PDL 0 Proximity drive level. When asserted, the proximity LDR drive current is reduced by 9. 76 5 4 3 2 1 0 PPULSE Field Bits Description PPULSE 7:0 Proximity Pulse Count. Specifies the number of proximity pulses to be generated. |