| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL2671 Fiches technique(PDF) 33 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2671 Fiches technique(HTML) 33 Page - OSRAM GmbH |
|
33 / 45 page ![]() Page 32 ams Datasheet Document Feedback [v1-00] 2016-Jul-12 TSL2671 − Application Information: Hardware If the hardware application requires more than 100 mA of current to drive the LED, then an external transistor should be used. Note, R2 should be sized adequately to bias the gate voltage given the LDR current mode setting. See Figure 38. Figure 38: Application Hardware Circuit for Proximity Sensing with External LED Driver Using P-FET Transistor TSL2671 VBUS VDD(digital) 1 mF RP RP SCL SDA RPI INT R1 LDR LED R2 1 mF VDD(analog) |