Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2671 Fiches technique(PDF) 30 Page - OSRAM GmbH

No de pièce TSL2671
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2671 Fiches technique(HTML) 30 Page - OSRAM GmbH

Back Button TSL2671 Datasheet HTML 26Page - OSRAM GmbH TSL2671 Datasheet HTML 27Page - OSRAM GmbH TSL2671 Datasheet HTML 28Page - OSRAM GmbH TSL2671 Datasheet HTML 29Page - OSRAM GmbH TSL2671 Datasheet HTML 30Page - OSRAM GmbH TSL2671 Datasheet HTML 31Page - OSRAM GmbH TSL2671 Datasheet HTML 32Page - OSRAM GmbH TSL2671 Datasheet HTML 33Page - OSRAM GmbH TSL2671 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
ams Datasheet
Page 29
[v1-00] 2016-Jul-12
Document Feedback
TSL2671 − Register Description
ID Register (0x12)
The ID Register provides the value for the part number. The ID
register is a read-only register.
Figure 34:
ID Register
Status Register (0x13)
The Status Register provides the internal status of the device.
This register is read only.
Figure 35:
Status Register
Field
Bits
Description
ID
7:0
Part number identification
0x00 = TSL26711 & TSL26715
0x09 = TSL26713 & TSL26717
Field
Bit
Description
Reserved
7:6
Reserved.
PINT
5
Proximity Interrupt. Indicates that the device is asserting a proximity
interrupt.
Reserved
4:0
Reserved.
6
75
4
2
31
0
ID
ID
Address
0x12
6
75
4
2
31
0
STATUS
Reserved
Resv
Address
0x13
Reserved
PINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45