Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2585 Fiches technique(PDF) 73 Page - OSRAM GmbH

No de pièce TSL2585
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2585 Fiches technique(HTML) 73 Page - OSRAM GmbH

Back Button TSL2585 Datasheet HTML 69Page - OSRAM GmbH TSL2585 Datasheet HTML 70Page - OSRAM GmbH TSL2585 Datasheet HTML 71Page - OSRAM GmbH TSL2585 Datasheet HTML 72Page - OSRAM GmbH TSL2585 Datasheet HTML 73Page - OSRAM GmbH TSL2585 Datasheet HTML 74Page - OSRAM GmbH TSL2585 Datasheet HTML 75Page - OSRAM GmbH TSL2585 Datasheet HTML 76Page - OSRAM GmbH TSL2585 Datasheet HTML 77Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 86 page
background image
Page 72
Datasheet, Public
Document Feedback
[v4-00] 2022-Dec-22
TSL2585 − Pack age Drawings & Mark ings
Figure 95:
TSL2585 Module Dimensions
Note(s):
1. All linear dimensions are in millimeters.
2. The die is centered within the package within a tolerance of ±75 micrometers.
3. Dimension tolerances are ±0.05mm unless otherwise noted
4. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
5. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish (ENEPIG).
6. This package contains no lead (Pb).
7. This drawing is subject to change without notice.
Package Drawings & Markings
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86