| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL2585 Fiches technique(PDF) 56 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2585 Fiches technique(HTML) 56 Page - OSRAM GmbH |
|
56 / 86 page ![]() Datasheet, Public Page 55 [v4-00] 2022-Dec-22 Document Feedback TSL2585 − Register Overview MEAS_SEQR_STEP1_MOD_PHDX_SMUX_L Register Figure 73: MEAS_SEQR_STEP1_MOD_PHDX_SMUX_L Note(s): 1. Return to the Register Map (0xDE). Addr: 0xDE MEAS_SEQR_STEP1_MOD_PHDX_SMUX_L Bit Field Reset Type Bit Description 7:6 MEASUREMENT_ SEQUENCER_STEP1_ MOD_PHD3_SMUX 10b R/W Defines connection of photodiode 3 to modulator for sequencer step 1 00: No connection 01: Modulator 0 10: Modulator 1 11: Modulator 2 5:4 MEASUREMENT_ SEQUENCER_STEP1_ MOD_PHD2_SMUX 00b R/W Defines connection of photodiode 2 to modulator for sequencer step 1 00: No connection 01: Modulator 0 10: Modulator 1 11: Modulator 2 3:2 MEASUREMENT_ SEQUENCER_STEP1_ MOD_PHD1_SMUX 01b R/W Defines connection of photodiode 1 to modulator for sequencer step 1 00: No connection 01: Modulator 0 10: Modulator 1 11: Modulator 2 1:0 MEASUREMENT_ SEQUENCER_STEP1_ MOD_PHD0_SMUX 00b R/W Defines connection of photodiode 0 to modulator for sequencer step 1 00: No connection 01: Modulator 0 10: Modulator 1 11: Modulator 2 |