Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2561 Fiches technique(PDF) 29 Page - OSRAM GmbH

No de pièce TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Fiches technique(HTML) 29 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 25Page - OSRAM GmbH TSL2561 Datasheet HTML 26Page - OSRAM GmbH TSL2561 Datasheet HTML 27Page - OSRAM GmbH TSL2561 Datasheet HTML 28Page - OSRAM GmbH TSL2561 Datasheet HTML 29Page - OSRAM GmbH TSL2561 Datasheet HTML 30Page - OSRAM GmbH TSL2561 Datasheet HTML 31Page - OSRAM GmbH TSL2561 Datasheet HTML 32Page - OSRAM GmbH TSL2561 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-01] 2018-Apr-23
TSL2561 − Packaging Mechanical Data
Figure 28:
TSL2561 TMB Carrier Tape
Note(s):
1. All linear dimensions are in millimeters.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481-B 2001.
4. Each reel is 178 millimeters in diameter and contains 1000 parts.
5. ams AG packaging tape and reel conform to the requirements of EIA Standard 481-B.
6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
0.30
+ 0.050
2.10
4
+ 0.100
2
+ 0.100
8 Typ
1.75
+ 0.100
5.50
+ 0.100
AA
B
B
12
+ 0.100
R 0.20 TYP
j 1.50
j 1.50
SIDE VIEW
TOP VIEW
END VIEW
3.09 MAX
2.90
+ 0.100 Ao
R 0.20 TYP
1.80 Ko
4.29 MAX
4.10
+ 0.100 Bo
DETAIL B
DETAIL A
R 0.20 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37