| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL2561 Fiches technique(PDF) 6 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2561 Fiches technique(HTML) 6 Page - OSRAM GmbH |
|
6 / 37 page ![]() ams Datasheet Page 5 [v1-01] 2018-Apr-23 Document Feedback TSL2561 − Pin Assignments The TSL2561 pin assignments are described below: Figure 3: Pin Diagram of Package T 6-Lead TMB (Top View) Figure 4: Terminal Functions Package T 6-Lead TMB: Package drawings are not to scale Terminal Type Description Name Pin No. ADDR SEL 2 I I2C address select - three-state GND 3 Power supply ground. All voltages are referenced to GND. INT 5 O Interrupt - open drain output (active low) SCL 4 I I2C serial clock input terminal SDA 6 I/O I2C serial data I/O terminal VDD 1Supply voltage Pin Assignments 6 SDA 5 INT 4 SCL VDD 1 ADDR SEL 2 GND 3 |