Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2541 Fiches technique(PDF) 26 Page - OSRAM GmbH

No de pièce TSL2541
Description  ALS, Light-to-Digital Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2541 Fiches technique(HTML) 26 Page - OSRAM GmbH

Back Button TSL2541 Datasheet HTML 22Page - OSRAM GmbH TSL2541 Datasheet HTML 23Page - OSRAM GmbH TSL2541 Datasheet HTML 24Page - OSRAM GmbH TSL2541 Datasheet HTML 25Page - OSRAM GmbH TSL2541 Datasheet HTML 26Page - OSRAM GmbH TSL2541 Datasheet HTML 27Page - OSRAM GmbH TSL2541 Datasheet HTML 28Page - OSRAM GmbH TSL2541 Datasheet HTML 29Page - OSRAM GmbH TSL2541 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Datasheet, Public
Page 25
[v2-00] 2023-Mar-10
Document Feedback
TSL2541 − Register Description
VISADJ Register (Address 0xE6)
Figure 37:
VISADJ Register
The output of the visible channel should be adjusted via
software based on the value of this register. This register holds
an adjustment factor in which the MSB is a sign bit and the
remaining bits represent the percent change to be made to the
output. A few examples of the output adjustment factor can be
seen in Figure 38.
Figure 38:
Output Adjustment Factor
Addr: 0xE6
VISADJ
Bit
Bit Name
Default
Access
Bit Description
7:0
VISADJ
FS
R
This register provides the output scaling factor
for the visible channel.
Register Value
Adjustment (%)
Adjustment Factor
0001 0100
20
1.20
0000 1000
8
1.08
0000 0011
3
1.03
0000 0000
0
1.00
1000 0000
0
1.00
1000 0011
-3
0.97
1000 1000
-8
0.92
1001 0100
-20
0.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39