Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2541 Fiches technique(PDF) 23 Page - OSRAM GmbH

No de pièce TSL2541
Description  ALS, Light-to-Digital Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2541 Fiches technique(HTML) 23 Page - OSRAM GmbH

Back Button TSL2541 Datasheet HTML 19Page - OSRAM GmbH TSL2541 Datasheet HTML 20Page - OSRAM GmbH TSL2541 Datasheet HTML 21Page - OSRAM GmbH TSL2541 Datasheet HTML 22Page - OSRAM GmbH TSL2541 Datasheet HTML 23Page - OSRAM GmbH TSL2541 Datasheet HTML 24Page - OSRAM GmbH TSL2541 Datasheet HTML 25Page - OSRAM GmbH TSL2541 Datasheet HTML 26Page - OSRAM GmbH TSL2541 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Page 22
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-10
TSL2541 − Register Description
CFG2 Register (Address 0x9F)
Figure 32:
CFG2 Register
The ALS gain can be adjusted by setting the two AGAIN bits as
well as the AGAINMAX and AGAINL bits which yields an overall
range from ½x to 128x.
Figure 33:
AGAIN Range
Addr: 0x9F
CFG2
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
000
RW
Reserved.
4AGAINMAX
0
RW
This bit adjusts the overall ALS gain factor. See
Figure 33 for recommended settings and
corresponding overall ALS gain factor.
3
Reserved
0
RW
Reserved.
2AGAINL
1
RW
This bit adjusts the overall ALS gain factor. See
Figure 33 for recommended settings and
corresponding overall ALS gain factor.
1:0
Reserved
00
RW
Reserved.
AGAIN[1]
AGAIN[0]
AGAINMAX
AGAINL
Overall ALS Gain
00
0
0
½
00
0
1
1
01
0
1
4
10
0
1
16
11
0
1
64
11
1
1
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39