Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL25213 Fiches technique(PDF) 70 Page - OSRAM GmbH

No de pièce TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Fiches technique(HTML) 70 Page - OSRAM GmbH

Back Button TSL25213 Datasheet HTML 66Page - OSRAM GmbH TSL25213 Datasheet HTML 67Page - OSRAM GmbH TSL25213 Datasheet HTML 68Page - OSRAM GmbH TSL25213 Datasheet HTML 69Page - OSRAM GmbH TSL25213 Datasheet HTML 70Page - OSRAM GmbH TSL25213 Datasheet HTML 71Page - OSRAM GmbH TSL25213 Datasheet HTML 72Page - OSRAM GmbH TSL25213 Datasheet HTML 73Page - OSRAM GmbH TSL25213 Datasheet HTML 74Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
Datasheet, Public
Page 69
[v3-00] 2022-Dec-21
Document Feedback
TSL2521 − PCB Pad Layout
Suggested PCB pad layout guidelines for the surface mount
module are shown. Flash Gold is recommended as a surface
finish for the landing pads.
Figure 89:
Recommended PCB Pad Layout
Note(s):
1. All linear dimensions are in millimeters.
2. Dimension tolerances are ±0.05mm unless otherwise noted.
3. This drawing is subject to change without notice.
PCB Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81