| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL25213 Fiches technique(PDF) 68 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL25213 Fiches technique(HTML) 68 Page - OSRAM GmbH |
|
68 / 81 page ![]() Datasheet, Public Page 67 [v3-00] 2022-Dec-21 Document Feedback TSL2521 − Application Information It is highly recommended to consult the ams OSRAM application team for circuit diagram and layout review at design-in. Figure 86: TSL2521 Typical Application Circuit Note(s): 1. C1 in the graphic above shall be 4.7μF, 6.3V, 10% and C2 in the graphic above shall be 1μF, 6.3V, 20%. All ground vias shall be connected to a solid ground plane. Figure 87: TSL2521 Recommended Part Placement Application Information VDD INT SCL SDA TSL25107S VDD VSS INT SCL SDA VSYNC/GPIO RSCL RSDA VIO RINT VSYNC/GPIO RVsync/GPIO C2 22 V1.8 C1 R1 TSL2521 |