Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2521 Fiches technique(PDF) 20 Page - OSRAM GmbH

No de pièce TSL2521
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2521 Fiches technique(HTML) 20 Page - OSRAM GmbH

Back Button TSL2521 Datasheet HTML 16Page - OSRAM GmbH TSL2521 Datasheet HTML 17Page - OSRAM GmbH TSL2521 Datasheet HTML 18Page - OSRAM GmbH TSL2521 Datasheet HTML 19Page - OSRAM GmbH TSL2521 Datasheet HTML 20Page - OSRAM GmbH TSL2521 Datasheet HTML 21Page - OSRAM GmbH TSL2521 Datasheet HTML 22Page - OSRAM GmbH TSL2521 Datasheet HTML 23Page - OSRAM GmbH TSL2521 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
Datasheet, Public
Page 19
[v3-00] 2022-Dec-21
Document Feedback
TSL2521 − Register Overview
0xD1
MEAS_SEQR_APERS_AND_VSYNC_
WAIT
Defines the measurement sequencer pattern
0x01
0xD2
MEAS_SEQR_RESIDUAL_0
Residual measurement configuration with
sequencer on modulator0 and modulator1
0xFF
0xD3
MEAS_SEQR_RESIDUAL_1_AND_
WAIT
Wait time configuration for all sequencers
0x1F
0xD4
MEAS_SEQR_STEP0_MOD_GAINX_L
Gain of modulator0 and modulator1 for sequencer
step 0
0x88
0xD6
MEAS_SEQR_STEP1_MOD_GAINX_L
Gain of modulator0 and modulator1 for sequencer
step 1
0x88
0xD8
MEAS_SEQR_STEP2_MOD_GAINX_L
Gain of modulator0 and modulator1 for sequencer
step 2
0x88
0xDA
MEAS_SEQR_STEP3_MOD_GAINX_L
Gain of modulator0 and modulator1 for sequencer
step 3
0x88
0xDC
MEAS_SEQR_STEP0_MOD_PHDX_
SMUX_L
Photodiode 0-3 to modulator mapping through
multiplexer for sequencer step 0
0x66
0xDD
MEAS_SEQR_STEP0_MOD_PHDX_
SMUX_H
Photodiode 4-5 to modulator mapping through
multiplexer for sequencer step 0
0x06
0xDE
MEAS_SEQR_STEP1_MOD_PHDX_
SMUX_L
Photodiode 0-3 to modulator mapping through
multiplexer for sequencer step 1
0x84
0xDF
MEAS_SEQR_STEP1_MOD_PHDX_
SMUX_H
Photodiode 4-5 to modulator mapping through
multiplexer for sequencer step 1
0xF3
0xE0
MEAS_SEQR_STEP2_MOD_PHDX_
SMUX_L
Photodiode 0-3 to modulator mapping through
multiplexer for sequencer step 2
0x07
0xE1
MEAS_SEQR_STEP2_MOD_PHDX_
SMUX_H
Photodiode 4-5 to modulator mapping through
multiplexer for sequencer step 2
0xF8
0xE2
MEAS_SEQR_STEP3_MOD_PHDX_
SMUX_L
Photodiode 0-3 to modulator mapping through
multiplexer for sequencer step 3
0x24
0xE3
MEAS_SEQR_STEP3_MOD_PHDX_
SMUX_H
Photodiode 4-5 to modulator mapping through
multiplexer for sequencer step 3
0x03
0xE4
MOD_CALIB_CFG0
Modulator calibration config0
0xFF
0xE6
MOD_CALIB_CFG2
Modulator calibration config2
0xD3
0xF2
VSYNC_PERIOD[7:0]
Measured VSYNC period
0x00
0xF3
VSYNC_PERIOD[15:8]
Read and clear measured VSYNC period
0x00
0xF4
VSYNC_PERIOD_TARGET[7:0]
Targeted VSYNC period
0x00
0xF5
VSYNC_PERIOD_TARGET[14:8]
Alternative target VSYNC period
0x00
0xF6
VSYNC_CONTROL
Control of VSYNC period
0x00
Addr
Name
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81