Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2521 Fiches technique(PDF) 68 Page - OSRAM GmbH

No de pièce TSL2521
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2521 Fiches technique(HTML) 68 Page - OSRAM GmbH

Back Button TSL2521 Datasheet HTML 64Page - OSRAM GmbH TSL2521 Datasheet HTML 65Page - OSRAM GmbH TSL2521 Datasheet HTML 66Page - OSRAM GmbH TSL2521 Datasheet HTML 67Page - OSRAM GmbH TSL2521 Datasheet HTML 68Page - OSRAM GmbH TSL2521 Datasheet HTML 69Page - OSRAM GmbH TSL2521 Datasheet HTML 70Page - OSRAM GmbH TSL2521 Datasheet HTML 71Page - OSRAM GmbH TSL2521 Datasheet HTML 72Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
Datasheet, Public
Page 67
[v3-00] 2022-Dec-21
Document Feedback
TSL2521 − Application Information
It is highly recommended to consult the ams OSRAM
application team for circuit diagram and layout review at
design-in.
Figure 86:
TSL2521 Typical Application Circuit
Note(s):
1. C1 in the graphic above shall be 4.7μF, 6.3V, 10% and C2 in the graphic above shall be 1μF, 6.3V, 20%. All ground vias shall be
connected to a solid ground plane.
Figure 87:
TSL2521 Recommended Part Placement
Application Information
VDD
INT
SCL
SDA
TSL25107S
VDD
VSS
INT
SCL
SDA
VSYNC/GPIO
RSCL
RSDA
VIO
RINT
VSYNC/GPIO
RVsync/GPIO
C2
22
V1.8
C1
R1
TSL2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81