Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8701 Fiches technique(PDF) 53 Page - OSRAM GmbH

No de pièce TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 Fiches technique(HTML) 53 Page - OSRAM GmbH

Back Button TMF8701 Datasheet HTML 49Page - OSRAM GmbH TMF8701 Datasheet HTML 50Page - OSRAM GmbH TMF8701 Datasheet HTML 51Page - OSRAM GmbH TMF8701 Datasheet HTML 52Page - OSRAM GmbH TMF8701 Datasheet HTML 53Page - OSRAM GmbH TMF8701 Datasheet HTML 54Page - OSRAM GmbH TMF8701 Datasheet HTML 55Page - OSRAM GmbH TMF8701 Datasheet HTML 56Page - OSRAM GmbH TMF8701 Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
Page 52
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Application Information
PCB Pad Layout
Figure 118:
PCB Pad Layout
Note(s):
1. All linear dimensions are in millimeters.
2. Dimension tolerances are 0.05mm unless otherwise noted.
3. This drawing is subject to change without notice.
Use the PCB pad layout as a recommendation only. The actual
pad layout shall be optimized for the customer production line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66