| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8701 Fiches technique(PDF) 3 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8701 Fiches technique(HTML) 3 Page - OSRAM GmbH |
|
3 / 66 page ![]() Page 2 Datasheet, Public Document Feedback [v2-00] 2023-Feb-21 TMF8701 − General Description Applications The device is ideal for use in the mobile phone market with applications including: • Distance measurement for camera autofocus (Laser Detect Autofocus - LDAF) • Supporting low-power system operation by enabling high-power components (i.e. 3D facial recognition) only when an object is in the detection range • Proximity detection • Presence detection - Object detection • Collision avoidance Block Diagram The functional blocks of this device are shown below: Figure 2: TMF8701 Block Diagram TMF8701 VCSEL Optical Filter Reflective Surface Background Light Internal Reflection Optics SPAD, TDC and Histogram Driver Control Data Process Cortex M0 TOF Sensor EN GPIO1 GPIO0 INT SDA SCL Host |