| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD49037 Fiches technique(PDF) 29 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD49037 Fiches technique(HTML) 29 Page - OSRAM GmbH |
|
29 / 86 page ![]() Page 28 Datasheet, Public Document Feedback [v2-00] 2022-Nov-03 TMD4903 − Register Description Interrupt Persistence Register (PERS 0x8C) Figure 32: Interrupt Persistence Register 7 6 543 21 0 PPERS APERS Field Bits Description PPERS 7:4 Proximity Interrupt Persistence. Defines a filter for the number of consecutive occurrences that PDATA must remain outside the threshold range between PILT and PIHT before an interrupt is generated. Any sample that is inside the threshold range resets the counter to 0. VALUE CONSECUTIVE OCCURENCES OUT OF RANGE 0 Every proximity cycle generates an interrupt 1 Generate interrupt after every occurrence. 2 Generate interrupt after 2 occurrences. ... Generate interrupt after PPERS occurrences. 15 Generate interrupt after 15 occurrences. APERS 3:0 ALS Interrupt Persistence. Defines a filter for the number of consecutive occurrences that CDATA must remain outside the threshold range between AILT and AIHT before an interrupt is generated. Any sample that is inside the threshold range resets the counter to 0. VALUE CONSECUTIVE OCCURENCES OUT OF RANGE 0 Every ALS cycle generates an interrupt 1 Generate interrupt after every occurrence. 2 Generate interrupt after 2 occurrences. 3 Generate interrupt after 3 occurrences. 4 Generate interrupt after 5 occurrences. 5 Generate interrupt after 10 occurrences. … Generate interrupt after 5 X (APERS -3) occurrences. 14 Generate interrupt after 55 occurrences. 15 Generate interrupt after 60 occurrences. |